|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Receiver with Demultiplex Output Type D 1230 5111 * * * * * * * * Du line (R) Fieldbus Installationbus 8-channel receiver 8 : 1 demultiplex function 2 NPN transistor outputs Enable and disable output operation D-housing Plug-in type module LED-indications for supply and output AC or DC power supply Product Description Dupline(R) receiver with demultiplex output (8:1) for multiplex transmission on Dupline(R) channels. Applicable for transmitters with frequency input (type FFD 1680, SPEC 918). Increases the transmission capacity of a Dupline(R) system to max. 3825 x 8-bit measured values. Ordering Key Type: Dupline(R) D-housing Receiver No. of channels Output type Supply D 1230 5111 024 Type Selection Supply Ordering no. 8 channels 2 x 10 V/10 mA D 1230 5111 024 D 1230 5111 120 D 1230 5111 220 D 1230 5111 712 Supply Specifications Power supply AC types Rated operational voltage through pins A1 & A2 220 120 024 Frequency Voltage interruption Rated operational power Rated impulse withstand voltage 220 120 024 Dielectric voltage Supply - Dupline(R) Supply - Outputs Alternative DC supply (VDD in) through pins 3 & 9 Reverse polarity protection Rate operational current Inrush current Rated impulse withstand voltage Dielectric voltage Supply - Dupline(R) Supply - Enable output Supply - Disable output AC types as supply source Source voltage (VDD out) through pins 3 & 9 Source current Fan out Cable length Overvoltage cat. III (IEC 60664) 230 VAC +6%, -15% (IEC 60038) 120 VAC 10% (IEC 60038) 24 VAC 10% 45 to 65 Hz 40 ms Typ. 2.5 VA 4 kV 2.5 kV 800 V 2 kVAC (rms) 2 kVAC (rms) 12 VDC 10% Yes 20 mA 1A 800 V None 2 kVAC (rms) None 24 VAC 120 VAC 220 VAC 12 VDC Code Module: No code module required. D 1230 5111 automatically uses the highest available channel group of the Dupline(R) installation. Output Specifications Outputs 1 NPN transistor (enable) 10 VDC Yes 2.5 mA 100% None None 100 A 1.2 V 3m 2 kVAC (rms) < 1 pulse train 1 NPN transistor (disable) 10 VDC Yes 2.5 mA 100% None None 100 A 1.2 V 3m None < 1 pulse train Output voltage VBB Reverse polarity protection Current per output Total load capability Short-circuit protection Built-in protective diodes Off-state leakage current Output voltage drop Cable length Dielectric voltage Output - Dupline(R) Response time 12 VDC 40 mA 4 modules .... .... 700 3m Specifications are subject to change without notice (28.09.99) Dupline(R) is a registered trademark. A product of the CARLO GAVAZZI Group 1 D 1230 5111 Du line (R) Fieldbus Installationbus General Specifications Output OFF delay upon loss of Dupline(R) carrier Power ON delay Indication for Supply ON Output ON (enable) Environment Degree of protection Pollution degree Operating temperature Storage temperature Undefined Undefined, 1 s LED, green LED, red IP 40 3 (IEC 60664) -20 to +50C (-4 to +122F) -50 to +85C (-58 to +185F) Humidity (non-condensing) Mechanical resistance Shock Vibration Dimensions Material (see "Technical Information") Weight AC types DC types 20 to 80% 15 G (11 ms) 2 G (6 to 55 Hz) D - Housing 200 g 125 g Mode of Operation 8-channel receiver with demultiplexed outputs for enable and disable functions. The receiver continuously receives the status of 8 channels on the highest channel group of a Dupline(R) installation (e.g. channel group P if 128 channels are selected on the channel generator). The status of these 8 channels is compared with the address selected by the DIP switch selector inside the D 1230 5111. As soon as the transmitted channel status is equal to the selected address, the two outputs change state (enable output turns on and disable output turns off). This module used in connection with transmitters for analogue signals (type FFD 15..) allows the transmission of 255 individual analogue values on one channel group. The D 1230 5111 can be used for all Dupline(R) transmitters that have enable or disable inputs, e.g. FFD 15.., FFD 16.. or SPEC 918. In the example given below the Dupline(R) installation uses 32 channels (FMK 32 of the channel generator). Therefore, the address setup of the D 1230 5111 is compared with the status of channel group D. As soon as the status of channel group D (provided by the transmitter GGD 1550) is equal to the address setup, the disable output of the D 1230 5111 turns off. This causes the FFD 1680 to transmit the counter value on channel groups A-B for display on the D6369 6475 (coded for channel groups AB). Note: If DC-supplied D 1230 5111 receivers are used, the length of the supply bus must not exceed 3 m in order to avoid disturbance unbalancing the Dupline(R). Example S: signal wire. 2 Specifications are subject to change without notice (28.09.99) Dupline(R) is a registered trademark. A product of the CARLO GAVAZZI Group D 1 2 3 0 5 1 1 1 Du line (R) Fieldbus Installationbus Wiring Diagrams D 1230 5111 024/120/220 AC supply (DC supply VDD) D 1230 5111 712 DC supply VDD in/out Disable VBB1 Enable VBB2 VDD in/out Disable VBB1 Enable VBB2 S: signal wire AC supply S: signal wire Address Selection Accessories Socket Socket cover Hold down spring Front mounting bezel DIN-rail for D 411 D 411 BB 5 HF FRS 2 FMD 411 OFF ON For further information refer to "Accessories". MSB LSB Most Significant bit = channel 1 Least Significant bit = channel 8 Specifications are subject to change without notice (28.09.99) Dupline(R) is a registered trademark. A product of the CARLO GAVAZZI Group 3 |
Price & Availability of D12305111712 |